PART |
Description |
Maker |
STK10C68-S30I STK10C68-C30I |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:35mA NVRAM中(EEPROM的基础
|
Cypress Semiconductor, Corp.
|
LS31801111 LS3180-GK LS3180-H LS3180-J LS3180-JM L |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:25mA; Current, It av:8A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Current, It av:8A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:10mA; Current, It av:8A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes T1毫米)广角发光二极管 T1 (3mm) WIDE ANGLE LED LAMP T1毫米)广角发光二极管
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BY329-1700S |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BDW21A |
SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:20A; Gate Trigger Current Max, Igt:500uA Bipolar NPN Device in a Hermetically sealed TO3
|
Glenair, Inc. Seme LAB
|
BD535K BD536J BD534K BD538K BD538J BD534 BD537 |
50.000W Medium Power NPN Plastic Leaded Transistor. 80V Vceo, 8.000A Ic, 15 hFE. 50.000W Medium Power PNP Plastic Leaded Transistor. 45V Vceo, 8.000A Ic, 20 hFE. ; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:20mA ; Package/Case:3-TO-218X; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Internally Triggered; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:25uA; Package/Case:TO-220; Gate Trigger Current Max, Igt:1.5A ; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
Continental Device India Limited
|
BY329-1500 BY329-1500S |
Damper diode fast/ high-voltage Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:5mA; Current, It av:6A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BD140-25 BD136-25 BD138-25 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1.5A I(C) | TO-126 Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:3mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1.5A I(C) | TO-126 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1.5AI(丙)|126
|
Electronic Theatre Controls, Inc.
|
LY3 LY4N LY1 LY2 LY4S LY1-0 LY1-CR LY1-D LY1F LY1L |
General Purpose Relay Metal Oxide Resistor; Series:MP800; Resistance:0.020ohm; Resistance Tolerance: /- 5 %; Power Rating:20W; Temperature Coefficient:0 to 300 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V 通用继电 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:50mA; Current, It av:40A; Forward Current:40A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 通用继电 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:10; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 通用继电 General Purpose Relay 通用继电 RES 1206 475R 0.125W 1% 200V 100PPM/C Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:50mA; Current, It av:40A; Forward Current:40A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Current, It av:6A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Power Thick Film Resistor; Series:MK; Resistance:2Mohm; Resistance Tolerance: 1%; Power Rating:0.75W; Operating Temperature Range:-55 C to C
|
International Rectifier, Corp. Omron Electronics, LLC OMRON[Omron Electronics LLC] http://
|
PP1300SC-1 |
Thyristor, Thyristor, 120V Forward Blocking Voltage, 1A On-State Current, 70mA Holding Current, 1420A RMS Current
|
Protek Devices
|
|